Part Number Hot Search : 
HPCP41F1 MBSK12S LTC3539 4705N 2SK146 1018068 PA4334 100K50
Product Description
Full Text Search
 

To Download UF5001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UF5001 thru UF5008
ULTRA FAST RECTIFIERS REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 5.0 Amperes DO- 27
FEATURES
Low cost Diffused junction
Ultra fast switching for high efficiency
Low reverse leakage current Low forward voltage drop High current capability The plastic material carries UL recognition 94V-0
.052(1.3) .048(1.2) DIA. 1.0(25.4) MI
.375(9.5) .335(8.5)
210
.220(5.6) .197(5.0) DIA
MECHANICAL DATA
Case: JEDEC DO-27 molded plastic Polarity: Color band denotes cathode Weight: 0.04 ounces , 1.1 grams Mounting position: Any
1.0(25.4) MI
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Peak Forward Voltage at 5.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @TJ=25 @TJ=100 @TA =55
SYMBOL UF5001 UF5002 UF5003 UF5004 UF5005 UF5006 UF5007 UF5008 VRRM VRMS VDC I(AV) 50 35 50 100 70 100 200 140 200 300 210 300 5.0 400 280 400 600 420 600 800 560 800 1000 700 1000
UNIT V V V A
IFSM VF IR TRR CJ RJA TJ TSTG 50 75 1.0
200 1.3 5.0 100 75 50 20 -50 to +125 -50 to +150 1.7
A V uA nS pF /W
Maximum Reverse Recovery Time (Note1) Typical Junction Capacitance (Note2) Typical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range NOTES: 1.Measured with IF=0.5AIR=1A IRR=0.25A
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC 3.Thermal resistance junction to ambient
~ 83 ~
RATING AND CHARACTERTIC CURVES UF5001 thru UF5008
FIG. 1 -TYPICAL FORWARD CURRENT DERATING CURVE 6.0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
FLG.2 -TYPICAL REVERSE CHARACTERISTICS 1000
5.0 AVERAGE FORWARD CURRENT AMPERES 4.0
INSTANTANEOUS REVESE CURRENT, (A)
100
3.0
10
TJ = 150 C TJ = 100C
2.0
1.0
TJ = 25C
1.0
0
0
25
50
75
100
125
150
175
0.1
AMBIENT TEMPERATURE () FIG. 4 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 200 PEAK FORWARD SURGE CURRENT, (A)
0.01 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
150 100
FIG.3-TYPICAL INTANTANEOUS FORWARD CHARACTERICS
UF5001 - UF5004
10
INSTANTANEOUS FORWARD CURRENT, (A)
10
UF5005
0 1 10 100 1000
1.0
UF5006-UF5008 TJ = 25C
NUMBER OF CYCLES AT 60Hz
FIG.5 - TYPICAL JUNCTION CAPACITANCE 1000
0.1
PULSE WIDTH 300us 1% DUTY CYCLE
200 CAPACITANCE, (pF) 100
UF5001 - UF5005
0.01 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 INSTANTANEOUS FORWARD VOLTAGE,(V)
UF5006 - UF5008
10
TJ = 25C
1 0.1 1.0 10 100
REVERSE VOLTAGE ,(V)
~ 84 ~


▲Up To Search▲   

 
Price & Availability of UF5001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X